PART |
Description |
Maker |
5962-9176402M3A |
Quad, 12-Bit DAC Voltage Output with Readback; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 28; Temperature Range: Industrial QUAD, PARALLEL, WORD INPUT LOADING, 6 us SETTLING TIME, 12-BIT DAC, CQCC28
|
Analog Devices, Inc.
|
MX7535JP-T MX7537JCWG-T MX7524UQ/883B MX7533LEPE M |
Microprocessor-Compatible, 14-Bit DACs PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28 CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24 Improved MX7524 PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 CMOS, Low-Cost, 10-Bit Multiplying D/A Converter PARALLEL, WORD INPUT LOADING, 10-BIT DAC, PQCC20 PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, UUC27
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD5334 AD5334BRU AD5335BRU AD5336BRU AD5344BRU AD5 |
From old datasheet system 2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 10-Bit DAC with Byte-Load Parallel Interface in 28-lead TSSOP 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 12-Bit DAC with Parallel Interface in 28-lead TSSOP
|
AD[Analog Devices]
|
AD7305YR-REEL AD7305YRZ-REEL AD7305BRUZ AD7304BRZ- |
PARALLEL, 8 BITS INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO20 MS-013AC, SOIC-20 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN PARALLEL, 8 BITS INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO20 3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
|
Analog Devices, Inc.
|
MAX5250AEAP MAX7645ACWPT MX566AJN MX565AJN MAX5702 |
Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface CMOS 12-Bit Buffered Multiplying DACs PARALLEL, WORD INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP24 PARALLEL, WORD INPUT LOADING, 0.15 us SETTLING TIME, 12-BIT DAC, PDIP24 Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
AD7548 AD7548AQ AD7548BQ AD7548JN AD7548JP AD7548J |
LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC PARALLEL, WORD INPUT LOADING, 1.5 us SETTLING TIME, 8-BIT DAC, PDIP20 12-Bit, Multiplying, I<SUB>OUT</SUB> DAC, 8-Bit Bus
|
Analog Devices, Inc.
|
AD7542JN AD7542TQ AD7542SQ AD7542AQ AD7542KP AD754 |
Precision 12-Bit CMOS Multiplying I-OUT DAC, 4-Bit Bus CMOS P-Compatible 12-Bit DAC CMOS uP-COMPATIBLE 12-BIT DAC PARALLEL, 4 BITS INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, CDIP16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8582 AD8582AN AD8582AR AD8582CHIPS |
5 Volt, Parallel Input Complete Dual 12-Bit DAC DUAL, PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, UUC24 5 Volt/ Parallel Input Complete Dual 12-Bit DAC
|
Analog Devices, Inc. AD[Analog Devices]
|
5962-89657023A |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 28; Temperature Range: Military DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, CQCC28
|
Analog Devices, Inc.
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
|